|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: Documents: 3D Model Drawing (PDF) 0398800302 Active 5.08mm(.200") Pitch, BeauTM EurostyleTM Low Profile, Fixed Block, Modular, 2 Circuits RoHS Certificate of Compliance (PDF) Agency Certification UL E48521 image - Reference only Series General Product Family Series Application Component Type Product Literature Order No Product Name Type Terminal Blocks 39880 Wire-to-Board One Piece USA-260 EurostyleTMFixed Mount Euro Block EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Physical Circuits (Loaded) Entry Angle Flammability Lock to Mating Part Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Shrouded Stackable Temperature Range - Operating Wire Size AWG Wire Size mm 2 Horizontal 94V-0 None 1 Vertical 0.138 In 3.50 mm None 0.093 In 2.40 mm No 0.200 In 5.08 mm 0.200 In 5.08 mm N/A Fully Yes 105C 16, 18, 20, 22, 24, 26, 28, 30 0.20 - 1.50 Search Parts in this Series 39880Series Mates With N/A Electrical Current - Maximum per Contact Voltage - Maximum 13.5A 300V Material Info Old Part Number 880102 Reference - Drawing Numbers Sales Drawing SD-39880-003 This document was generated on 04/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0398800302 |